PART |
Description |
Maker |
0001.2704.XX 0001.2705.XX 0001.2706.XX 0001.2707.X |
Surface Mount Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, Au plating FUSE 6.3A 250V 5X20T-LAG SMD TIME LAG BLOW ELECTRIC FUSE, 6.3A, 250VAC, 150VDC, 1500A (IR), SURFACE MOUNT
|
Schurter Inc. SCHURTER AG
|
0034.5625.21 |
TIME LAG BLOW ELECTRIC FUSE, 6.3A, 250VAC, 10A (IR), SURFACE MOUNT
|
SCHURTER INC
|
MSB |
Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
|
Schurter Inc.
|
7010.9965.XX 7010.9968.XX 7010.9967.XX 7010.9971.X |
Surface Mount Fuse, 7 x 2 mm, Time-Lag T, 125 VAC, 125 VDC
|
Schurter Inc.
|
SR-5-1.25A-BK COOPERINDUSTRIES-SR-5-1.25A-AP SR-5- |
FUSE 1.25A 250V T-LAG IEC SHORT TIME DELAY BLOW ELECTRIC FUSE, 1.25A, 250VAC, 35A (IR), THROUGH HOLE FUSE 1.6A 250V T-LAG IEC SHORT PC Board Fuse; Current Rating:1A; Voltage Rating:250V; Fuse Terminals:Radial Lead; Fuse Size/Group:Subminiature; Fuse Type:Time Delay; Interrupting Current Max:35A; Leaded Process Compatible:Yes; Packaging:Ammo Pack FUSE 1A 250V T-LAG IEC SHORT Subminiature Fuses
|
Cooper Bussmann, Inc. COOPER INDUSTRIES List of Unclassifed Man...
|
3404.2420.XX 3404.2417.XX 3404.2412.XX 3404.2413.X |
Surface Mount Fuse with Clip, 11.1 x 3.8 mm, Time-Lag T, UMZ 250 = UMT 250 (Au) UMC 250
|
Schurter Inc.
|
012.MXP 02.5MXEP 01.6MXEP 004.MXP |
TIME LAG BLOW ELECTRIC FUSE, 12A, 250VAC, 250VDC, 1500A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 2.5A, 250VAC, 250VDC, 1500A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 1.6A, 250VAC, 250VDC, 1500A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 4A, 250VAC, 250VDC, 1500A (IR), INLINE/HOLDER
|
|
0034.6723 0034.6722 0034.6721 0034.6720 0034.6719 |
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 35 A
|
Schurter Inc.
|
|